Part Number Hot Search : 
AAT1500 X1288 0SERI C7MP98 US6K2 550PEF10 LT3574 065HN
Product Description
Full Text Search
 

To Download SS-39200-020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cat6a shielded plugs bel stewart connector gmbh industriestrasse 20 61381 friedrichsdorf germany tel 49-6172-9552-0 www.belstewart.com bel stewart connector 11118 susquehanna trail south glen rock, pa 17327 usa tel 717-235-7512 fax 717-235-4675 www.belstewart.com document part number lit-cat6a-plugs. ?2010 bel stewart connector specifcations subject to change without notice. 10.10 ss-39200 series cat6a shielded plugs features / benefts ? ideal for creating superior high performance cat6a patch cables in 10gigabit ethernet applications where high density routers and switches are employed ? mechanical design features wire aligner and management bar combo to guarantee consistent twisted pair orientation during plug assembly ? meets cat6a performance requirements per ansi/tia-568-b.2-10 and iec 60603-7-51 ? robust shield termination and strain relief allow for one-step termination process ? optional slim line boot features integrated strain relief and latch protection ? selectively plated contacts with 50 micro-inches (0.76 um) of gold ? ul 94-v0 plastic components ? rohs compliant bel stewarts ss-39200 series of shielded plugs is designed for use on cat6a patch cables in premise wiring systems. engineered to meet the 500 mhz requirements of cat6a specifcations, the ss-39200 plugs offer robust shield terminations and strain relief which allow for a one-step termination process and provide a 360 connection between the cable shield and plug shield. the ss-39200 series' high performance is achieved through an innovative mechanical design featuring a wire aligner and management bar combination that guarantees consistent twisted pair orientation during plug assembly. the wire aligner includes a patent-pending "cross talk zone" where a precise amount of cross talk is introduced to the plug allowing for centered near end cross talk (next) performance on pairs 3,6 - 4,5 according to ansi/tia-568-b.2-10 and iec 60603-7-51 standards. this wire aligner feature also provides the cable assembler with a visual and mechanical means for building consistent assemblies capable of delivering cat6a performance. as a result, operator effciency in building patch cables improves immediately and over the long term, and productivity is much higher than with typical cat6 or cat6a plug assemblies. for increased space effciency, the boot design of the plug does not increase the overall width, making the ss-39200 series ideal for use in high-density routers and switches. part number boot cable diameter range SS-39200-020 black .220 - .240 [5.59mm - 6.10mm] ss-39200-021 boot not included .220 - .240 [5.59mm - 6.10mm] ss-39200-022 black .230 - .250 [5.84mm - 6.35mm] ss-39200-023 boot not included .230 - .250 [5.84mm - 6.35mm]
bel stewart connector gmbh industriestrasse 20 61381 friedrichsdorf germany tel 49-6172-9552-0 www.belstewart.com bel stewart connector 11118 susquehanna trail south glen rock, pa 17327 usa tel 717-235-7512 fax 717-235-4675 www.belstewart.com document part number lit-cat6a-plugs. ?2010 bel stewart connector specifcations subject to change without notice. 10.10 cat6a shielded plugs performance data for bel stewarts ss-39200 series of shielded plugs clearly demonstrates a signifcant next margin over the tia limit and the more stringent iec limit. this is achieved through a designed headroom which allows for both assembly and cable variations while still maintaining excellent margins. with superior performance and one-step termination, this rohs- compliant plug is a very cost effective cat6a solution. 0 20 40 60 80 100 120 0 50 100 150 200 250 300 350 400 450 500 next (db) frequency (mhz) typical patch cord next 3 meter cat6a shielded patch cord using bel stewart cat6a shielded plug iec limit (db) tia limit (db) 1,2 - 3,6 1,2 - 4,5 1,2 - 7,8 3,6 - 4,5 3,6 - 7,8 4,5 - 7,8 0 10 20 30 40 50 60 0 50 100 150 200 250 300 350 400 450 500 rl (db) frequency (mhz) typical patch cord rl 3 meter cat6a shielded patch cord using bel stewart cat6a shielded plug limit (db) 1,2 3,6 4,5 7,8 . 264 [6 . 71] m ax. . 045 [1 . 14] . 464 [ 11. 79] m ax. . 358 [9 . 09] . 47 [ 12. 0] . 049 [1 . 24] (. 58 [ 14. 7] ) 1. 75 [4 4. 4] .3 6 [9 .0 ] pl ug bo dy sh ie ld gr omme t is om et ri c vi ew of te rm in at ed pl ug


▲Up To Search▲   

 
Price & Availability of SS-39200-020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X